Part Number Hot Search : 
110UH XFGIB TF666 16373 ORT9303 BCM57 2SA1305 74HC158D
Product Description
Full Text Search
 

To Download ACOW-32768KHZ-A-QXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acow applications: features: 2 0 . 2 x 1 2 . 6 x 8 . 0 m m standard specifications:  rohs compliant  32.768 khz  cmos/ttl output  tri-state function  computers, modems, microprocessors  communication, test equipment options & part identification: (left blank if standard) full-size dip 32.768khz crystal clock oscillator abracon is cer tified abracon is iso9001:2008 cer tified pb rohs/rohs ii compliant moisture sensitivity level (msl) ? through-hole part, msl doesn?t apply. p ar am et e rs mi n i m u m t ypic a l m a x i m u m u nit s n ot es fre que ncy 32.768 k h z o per a t i ng t em per at u r e 0 +70 c see op t i on s stor ag e t em per a t ur e - 55 +125 c o v er al l f r equ enc y sta b i l i t y - 100 +100 ppm see op t i on s supply v o l t ag e ( v dd) 4.75 5.0 5.25 v i nput c ur r en t 15 m a sym m et r y 40 60 % @ 1/ 2v d d r i se a nd fa l l tim e ( tr/ tf) 250 ns @ 10% t o 90% of out pu t w av ef or m o ut put l oad 5 l s tt l 15 pf o ut put v o l t ag e v o h 0.9*v dd v v o l 0.1*v dd v t r i - st at e func t i o n ( o pt i on a ) v i h 0.7*v dd v " 1" or o pe n: o sc i l l a t i on v i l 0.3*v dd v " 0" : o ut put di s abl e ( h i z ) table (1) c o de s trimmed len gt h ( in ch(mm)) q 4 5 0 . 4 5 ( 1 1 . 4 3 ) q 4 0 0 . 4 0 ( 1 0 . 1 6 ) q 3 5 0 . 3 5 ( 8 . 8 9 ) q 3 0 0 . 3 0 ( 7 . 6 2 ) q 2 5 0 . 2 5 ( 6 . 3 5 ) q 2 0 0 . 2 0 ( 5 . 0 8 ) q 1 5 0 . 1 5 ( 3 . 8 1 ) q 1 0 0 . 1 0 ( 2 . 5 4 ) no t e: use a p p r o p r i a t e c o de n u m bers f o r o t h e r t ri m m ed lengt h s not l i sted. ( ex : q 1 4 f o r 0 . 1 4 i n c h ( 3 . 5 5 m m ) ) acow-32.768khz- - pin form g : g u ll w i n g qxx for tr i m me d lea d s * tri-state a: tri-state on p i n 1 ( * ) note: see table 1 2 f a r aday, s uite# b | irvine | c a 92618 revised:04.01.15 p h. 949.546.8000 | f ax. 949. 546.8 001 v i s it www.abr acon.com f o r ter m s and conditions o f s ale llc esd sens itive
acow 2 0 . 2 x 1 2 . 6 x 8 . 0 m m standard specifications: full-size dip 32.768khz crystal clock oscillator abracon is cer tified abracon is iso9001:2008 cer tified pb rohs/rohs ii compliant dime n sion s: in c h e s (m m ) p in f unct io n 1 nc or e /d t r i - s tat e 7 g nd/cas e 8 o utp ut 1 4 v dd packaging 25pcs /tube a t t e n t i o n : a b r a c o n c o r p o r ati o n ? s p r o d u c t s a r e c o t s ? comm e r cia l - o f f - t h e - s h e l f p r o d u c t s ; s u i t a b l e f o r comm e r cia l , indu s t r i a l a n d , w h e r e d e s i g n a t e d , a u t o m otiv e a p p lic a - t i o n s . a b r a c o n ? s p r o d u c t s a r e n o t s pec i f icall y d e s ign e d f o r m ilit a r y , a v iat i o n , a e r o s pac e , l i f e - d e p e n d a n t m e d ica l a p p licat i o n s o r a n y a p p licat i o n r e q u i r i n g h i g h r eli a b ilit y w h e r e c o m p o n e n t f a i l u r e cou l d r e s u l t i n l o s s o f l i f e and / o r p r o p e r t y . f o r a p p licat i o n s r e q u i r i n g h i g h r eli a b ili t y a n d / o r p r e s e n t i n g a n e x t r e m e o p e r a t i n g e n v i r o n m e n t , w r itten co n s e n t a n d auth o r izatio n f r o m a b r aco n c o r p o r atio n i s r e q u i r e d. p l e a s e c o n tac t a b r a c o n c orpo r a t i o n f o r m o r e i nfo r mat i o n . 2 f a r aday, s uite# b | irvine | c a 92618 revised:04.01.15 p h. 949.546.8000 | f ax. 949. 546.8 001 v i s it www.abr acon.com f o r ter m s and conditions o f s ale llc esd sens itive


▲Up To Search▲   

 
Price & Availability of ACOW-32768KHZ-A-QXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X